Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC163FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74AC163FT
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC163FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74AC163FT Datasheet HTML 4Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 5Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 6Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 7Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 8Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 9Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 10Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 11Page - Toshiba Semiconductor TC74AC163FT Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74AC161,163P/F/FN/FT
2007-10-01
8
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(CK-Q)
tpLH
tpHL
Figure 1
3.3 ± 0.3
5.0 ± 0.5
8.8
6.5
15.8
9.6
1.0
1.0
18.0
11.0
ns
Propagation delay
time
(CK-carry, count
mode)
tpLH
tpHL
Figure 1
3.3 ± 0.3
5.0 ± 0.5
10.4
8.1
18.4
11.8
1.0
1.0
21.6
13.5
ns
Propagation delay
time
(CK-carry, preset
mode)
tpLH
tpHL
Figure 2
3.3 ± 0.3
5.0 ± 0.5
12.9
9.1
22.4
13.2
1.0
1.0
25.5
15.0
ns
Propagation delay
time
(ENT-carry)
tpLH
tpHL
Figure 6
3.3 ± 0.3
5.0 ± 0.5
7.5
5.8
13.2
8.3
1.0
1.0
15.0
9.5
ns
Propagation delay
time
( CLR -Q)
(Note 1)
tpHL
Figure 4
3.3 ± 0.3
5.0 ± 0.5
10.6
7.7
18.4
11.4
1.0
1.0
21.0
13.0
ns
Propagation delay
time
(
CLR -carry)
(Note 1)
tpHL
Figure 4
3.3 ± 0.3
5.0 ± 0.5
12.0
8.6
21.0
12.7
1.0
1.0
24.0
14.5
ns
Maximum clock
frequency
fmax
3.3 ± 0.3
5.0 ± 0.5
50
90
110
140
50
90
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note 2
85
pF
Note 1: For TC74AC161 only
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC
When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ΔICC which is
obtained from the following formula:
⎟⎟
⎜⎜
+
+
+
+
16
C
16
C
8
C
4
C
2
C
V
f
=
ΔI
CO
QD
QC
QB
QA
CC
CK
CC
CQA to CQD and CCO are the capacitances at QA to QD and CARRY OUT, respectively.
fCK is the input frequency of the CK.


Similar Part No. - TC74AC163FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC163FT TOSHIBA-TC74AC163FT Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74AC163FT TOSHIBA-TC74AC163FT_12 Datasheet
268Kb / 14P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74AC163FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com