Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3042S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3042S
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3042S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3042S Datasheet HTML 1Page - Toshiba Semiconductor TLP3042S Datasheet HTML 2Page - Toshiba Semiconductor TLP3042S Datasheet HTML 3Page - Toshiba Semiconductor TLP3042S Datasheet HTML 4Page - Toshiba Semiconductor TLP3042S Datasheet HTML 5Page - Toshiba Semiconductor TLP3042S Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3041(S),TLP3042(S),TLP3043(S)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating
(Ta ≥ 53
°C)
ΔIF / °C
−0.7
mA /
°C
Peak Forward Current
(100
μs pulse, 100pps)
IFP
1
A
Power Dissipation
PD
100
mW
Power Dissipation Derating
(Ta ≥ 25
°C)
ΔPD / °C
−1.0
mW /
°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VDRM
400
V
On-Stage RMS
Ta = 25
°C
100
Current
Ta = 70
°C
IT(RMS)
50
mA
On-State Current Derating
(Ta ≥ 25
°C)
ΔIT / °C
−1.1
mA /
°C
Peak On-Stage Current
(100
μs pulse, 120pps)
ITP
2
A
Peak Nonrepetitive Surge
Current (PW = 10ms, DC = 10%)
ITSM
1.2
A
Power Dissipation
PD
300
mW
Power Dissipation Derating
(Ta ≥ 25
°C)
ΔPD / °C
−4.0
mW /
°C
Junction Temperature
Tj
115
°C
Storage Temperature Range
Tstg
−55 ∼ 150
°C
Operating Temperature Range
Topr
−40 ∼ 100
°C
Lead Soldering Temperature (10s)
Tsol
260
°C
Total Package Power Dissipation
PT
330
mW
Total Package Power Dissipation
Derating (Ta ≥ 25
°C)
ΔPT / °C
−4.4
mW /
°C
Isolation Voltage
(AC, 1 min., R.H. ≤ 60%)
(Note 1)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Device considered a two terminal device: Pins 1, 2 and 3 shorted together and pins 4 and 6 shorted
together.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VAC
120
Vac
Forward Current
IF*
15
20
25
mA
Peak On-Stage Current
ITP
1
A
Operating Temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
* :
In the case of TLP3042


Similar Part No. - TLP3042S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3042 TOSHIBA-TLP3042 Datasheet
300Kb / 6P
   office machine houselold use equipment
TLP3042F TOSHIBA-TLP3042F Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3042FS TOSHIBA-TLP3042FS Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Similar Description - TLP3042S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
   OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com