Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200DVA120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM200DVA120
Description  Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM200DVA120 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM200DVA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM200DVA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM200DVA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM200DVA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM200DVA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM200DVA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
447
PM200DVA120
Intellimod™ Module
Single Phase IGBT Inverter Output
200 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR CURRENT, I
C, (AMPERES)
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
100
200
300
1.0
0
VD = 15V
2.0
3.0
CONTROL SUPPLY VOLTAGE, V
D, (VOLTS)
COLLECTOR-EMITTER
SATURATON VOLTAGE CHARACTERISTICS
(TYPICAL)
0
131517
1.0
0
2.0
3.0
IC = 200A
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, V
CE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
102030
100
0
VD = 17V
13
Tj = 25
oC
200
300
15
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
100
10-1
ton
VCC = 600V
VD = 15V
toff
Tj = 25°C
Tj = 125°C
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
100
10-1
V
CC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
tc(on)
tc(off)
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS
CHARACTERISTICS (TYPICAL)
103
101
102
103
101
102
100
PSW(off)
PSW(on)
VCC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
PSW(off)
COLLECTOR CURRENT, I
C, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
10-1
10-2
Irr
trr
VCC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
103
101
100
100
102
DIODE FORWARD VOLTAGE, V
EC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
103
102
101
T
j = 25°C
T
j = 125°C
VD = 15V
0
1.0
2.0
3.0
CARRIER FREQUENCY, f
C, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY
0
102030
50
0
VD = 15V
100
150
Tj = 25°C
Tj = 25°C
Tj = 125°C


Similar Part No. - PM200DVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200DVA120 MITSUBISHI-PM200DVA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM200DVA120 MITSUBISHI-PM200DVA120 Datasheet
56Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200DVA120 MITSUBISHI-PM200DVA120 Datasheet
88Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM200DVA120 MITSUBISHI-PM200DVA120 Datasheet
91Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200DVA120 MITSUBISHI-PM200DVA120_05 Datasheet
88Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200DVA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM200DSA060 POWEREX-PM200DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM200DV1A120 POWEREX-PM200DV1A120 Datasheet
462Kb / 6P
   Single Phase IGBT Inverter Output 200 Amperes/1200 Volts
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com