Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54008S-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD54008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008S-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD54008S-E Datasheet HTML 4Page - STMicroelectronics PD54008S-E Datasheet HTML 5Page - STMicroelectronics PD54008S-E Datasheet HTML 6Page - STMicroelectronics PD54008S-E Datasheet HTML 7Page - STMicroelectronics PD54008S-E Datasheet HTML 8Page - STMicroelectronics PD54008S-E Datasheet HTML 9Page - STMicroelectronics PD54008S-E Datasheet HTML 10Page - STMicroelectronics PD54008S-E Datasheet HTML 11Page - STMicroelectronics PD54008S-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Typical performance
PD54008-E, PD54008S-E
8/28
PD54008
Figure 9.
Output power Vs.
bias current
Figure 10.
Drain efficiency Vs. bias current
Figure 11.
Output power Vs.
drain voltage
Figure 12.
Drain efficiency Vs. drain voltage
0
200
400
600
800
1000
IDQ (mA)
2
4
6
8
10
12
Pout (W)
Pin = 0.6 W
VDD = 7.5 V
480 MHz
500 MHz
520 MHz
0
200
400
600
800
1000
IDQ (mA)
30
40
50
60
70
Nd (%)
Pin = .6 W
VDD = 7.5 V
480 MHz
500 MHz
520 MHz
56
789
10
11
12
VDS (V)
0
2
4
6
8
10
12
14
Pout (W )
IDQ = 150 mA
Pin = 0.6 W
500 MHz
480 MHz
520 MHz
567
89
10
11
12
VDS (V)
30
40
50
60
70
Nd (%)
IDQ = 150mA
Pin = 0.6 W
480 MHz
500 MHz
520 MHz


Similar Part No. - PD54008S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD54008S-E STMICROELECTRONICS-PD54008S-E Datasheet
822Kb / 29P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD54008S-E-E STMICROELECTRONICS-PD54008S-E-E Datasheet
822Kb / 29P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results

Similar Description - PD54008S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com