Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300DSA060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM300DSA060
Description  Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM300DSA060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM300DSA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM300DSA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM300DSA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM300DSA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM300DSA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM300DSA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM300DSA060
Intellimod™ Module
Single Phase IGBT Inverter Output
300 Amperes/600 Volts
626
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICEX
VCE = VCEX, Tj = 25°C—
1
mA
VCE = VCEX, Tj = 125°C—
10
mA
Diode Forward Voltage
VFM
-IC = 300A, VD = 15V, VCIN = 5V
1.9
2.8
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 300A
1.8
2.6
Volts
VD = 15V, VCIN = 0V, IC = 300A,
1.9
2.7
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.4
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 5V
0.15
0.3
µS
tC(on)
VCC = 300V, IC = 300A
0.4
1.0
µS
toff
Tj = 125°C
2.0
3.0
µS
tC(off)
0.5
1.0
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
0.13
°C/Watt
Rth(j-c)D
Each FWDi
0.25
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module
0.048
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across C1-E2 Terminals
0 ~ 400
Volts
VD
Applied between VP1-VPC, VN1-VNC
15
± 1.5
Volts
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
4.0 ~ VSXR Volts
PWM nput Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tDEAD
Input Signal
≥ 3.5
µS


Similar Part No. - PM300DSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DSA060 MITSUBISHI-PM300DSA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM300DSA060 MITSUBISHI-PM300DSA060 Datasheet
64Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM300DSA060 MITSUBISHI-PM300DSA060 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300DSA060 MITSUBISHI-PM300DSA060_00 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300DSA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300CSD060 POWEREX-PM300CSD060 Datasheet
94Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM600DVA060 POWEREX-PM600DVA060 Datasheet
75Kb / 4P
   Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
PM600DSA060 POWEREX-PM600DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300RSD060 POWEREX-PM300RSD060 Datasheet
106Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (300 Amperes/600 Volts)
PM200DSA060 POWEREX-PM200DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM400DSA060 POWEREX-PM400DSA060 Datasheet
79Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
PM400DVA060 POWEREX-PM400DVA060 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com