Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT15J331 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # GT15J331
Description  Silicon N Channel IGBT High Power Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT15J331 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  GT15J331_06 Datasheet HTML 1Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 2Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 3Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 4Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 5Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 6Page - Toshiba Semiconductor GT15J331_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GT15J331
2006-10-31
3
Collector-emitter voltage VCE (V)
IC – VCE
Gate-emitter voltage VGE (V)
VCE – VGE
Gate-emitter voltage VGE (V)
VCE – VGE
Gate-emitter voltage VGE (V)
VCE – VGE
Gate-emitter voltage VGE (V)
IC – VGE
Case temperature Tc (°C)
VCE (sat) – Tc
5
50
40
30
20
10
0
0
1
2
3
4
VGE = 8 V
Common emitter
Tc
= 25°C
9
10
15
20
0
4
8
12
16
12
0
4
8
16
20
Common emitter
Tc
= −40°C
15
IC = 6 A
30
20
0
4
8
12
16
12
0
4
8
16
20
Common emitter
Tc
= 125°C
15
IC = 6 A
30
20
4
3
2
1
0
−60
−20
20
60
100
140
Common emitter
VGE = 15 V
15 A
IC = 6 A
30 A
0
4
8
12
16
12
0
4
8
16
20
Common emitter
Tc
= 25°C
15
IC = 6 A
30
20
30
20
10
0
0
4
8
12
16
Tc
= 125°C
Common emitter
VCE = 5 V
25
−40
20


Similar Part No. - GT15J331_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J331 TOSHIBA-GT15J331 Datasheet
181Kb / 7P
   High Power Switching Applications Motor Control Applications
GT15J331 TOSHIBA-GT15J331 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT15J331_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15Q102 TOSHIBA-GT15Q102_06 Datasheet
189Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT20J321 TOSHIBA-GT20J321_06 Datasheet
197Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT10J303 TOSHIBA-GT10J303_06 Datasheet
473Kb / 7P
   SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
GT10Q101 TOSHIBA-GT10Q101_06 Datasheet
179Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT15J321 TOSHIBA-GT15J321_06 Datasheet
195Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT50J325 TOSHIBA-GT50J325_06 Datasheet
198Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT20J301 TOSHIBA-GT20J301_06 Datasheet
491Kb / 7P
   SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
GT25Q102 TOSHIBA-GT25Q102_06 Datasheet
186Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT15Q301 TOSHIBA-GT15Q301_06 Datasheet
493Kb / 7P
   SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS
GT30J324 TOSHIBA-GT30J324_06 Datasheet
190Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com