Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT240F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74ACT240F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT240F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74ACT240F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT240F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74ACT240,244P/F/FT
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5
to
5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5
to
5.5
0.8
0.8
V
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −50 μA
IOH = −24 mA
IOH = −75 mA (Note)
4.5
4.5
5.5
4.4
3.94
4.5
4.4
3.80
3.85
V
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 50 μA
IOL = 24 mA
IOL = 75 mA
(Note)
4.5
4.5
5.5
0.0
0.1
0.36
0.1
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Quiescent supply
current
IC
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.5
mA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
5.7
8.0
1.0
9.0
ns
Output enable time
tpZL
tpZH
5.0 ± 0.5
6.0
9.0
1.0
10.5
ns
Output disable time
tpLZ
tpHZ
5.0 ± 0.5
5.9
8.5
1.0
10.0
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
TC74ACT240
25
Power dissipation
capacitance
CPD
(Note) TC74ACT244
29
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)


Similar Part No. - TC74ACT240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT240F TOSHIBA-TC74ACT240F Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
TC74ACT240FT TOSHIBA-TC74ACT240FT Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
TC74ACT240FW TOSHIBA-TC74ACT240FW Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
More results

Similar Description - TC74ACT240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com