Electronic Components Datasheet Search
Selected language     English  ▼


TC7W34FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7W34FU
Description  Triple Non-Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TC7W34FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7W34FU,TC7W34FK
Triple Non-Inverter
The TC7W34 is high speed CMOS BUFFER fabricated with
silicon gate CMOS technology.
The internal circuit is composed of 2 stage including buffer
output, which enable high noise immunity and stable output.
All inputs are equipped with protection circuits against static
dichage or transient excess voltage.
Features
• High speed: tpd = 6 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL Loads
• Symmetrical output impedance: |IOH|= IOL=4mA(min)
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
TC7W34FU
TC7W34FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
TC7W34FU
TC7W34FK
Type name
7 W 3 4
Lot No.
W
3 4




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC7WG34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG34FUCMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WH34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 Toshiba Semiconductor
TC7WH34FU_07CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
ADG799AIC-Compatible Wide Bandwidth Triple 2 × 2 Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
OPA3691Triple Wideband Current-Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
2SC5128Silicon NPN triple diffusion planar type For high breakdown voltage high-speed switching 1 2 3 Panasonic Semiconductor
MC10H107_06Triple 2−Input Exclusive OR/Exclusive NOR Gate 1 2 3 4 5 MoreON Semiconductor
74ACT10_05Triple 3-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl