Electronic Components Datasheet Search
Selected language     English  ▼


TC7W34FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7W34FU
Description  Triple Non-Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TC7W34FU/FK
2007-11-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~VCC + 0.5
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
300 (TC7W34FU)
Power dissipation
PD
200 (TC7W34FK)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Logic Diagram
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~6.0
V
Input voltage
VIN
0~ VCC
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~1000 (VCC = 2.0 V)
0~500 (VCC = 4.5 V)
Input rise and fall time
dt/dv
0~400 (VCC = 6.0 V)
ns/V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC7WG34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG34FUCMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WH34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 Toshiba Semiconductor
TC7WH34FU_07CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
ADG799AIC-Compatible Wide Bandwidth Triple 2 × 2 Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
OPA3691Triple Wideband Current-Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
2SC5128Silicon NPN triple diffusion planar type For high breakdown voltage high-speed switching 1 2 3 Panasonic Semiconductor
MC10H107_06Triple 2−Input Exclusive OR/Exclusive NOR Gate 1 2 3 4 5 MoreON Semiconductor
74ACT10_05Triple 3-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl