Electronic Components Datasheet Search
Selected language     English  ▼


TC7W34FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7W34FU
Description  Triple Non-Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7W34FU/FK
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
High-level input
voltage
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Low-level input
voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
IOH = −20 μA
6.0
5.9
6.0
5.9
IOH = −4 mA
4.5
4.18
4.31
4.13
High-level
output voltage
VOH
VIN = VIH
IOH = −5.2 mA
6.0
5.68
5.80
5.63
V
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
IOL = 20 μA
6.0
0.0
0.1
0.1
IOL = 4 mA
4.5
0.17
0.26
0.33
Low-level output
voltage
VOL
VIN = VIL
IOL = 5.2 mA
6.0
0.18
0.26
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
6.0
1.0
10.0
μA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC7WG34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG34FUCMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC7WH34FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 Toshiba Semiconductor
TC7WH34FU_07CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter 1 2 3 4 5 MoreToshiba Semiconductor
ADG799AIC-Compatible Wide Bandwidth Triple 2 × 2 Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
OPA3691Triple Wideband Current-Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
2SC5128Silicon NPN triple diffusion planar type For high breakdown voltage high-speed switching 1 2 3 Panasonic Semiconductor
MC10H107_06Triple 2−Input Exclusive OR/Exclusive NOR Gate 1 2 3 4 5 MoreON Semiconductor
74ACT10_05Triple 3-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl