Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7W34FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7W34FK
Description  Triple Non-Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7W34FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7W34FK Datasheet HTML 1Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 2Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 3Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 4Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 5Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 6Page - Toshiba Semiconductor TC7W34FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7W34FU/FK
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
High-level input
voltage
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Low-level input
voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
IOH = −20 μA
6.0
5.9
6.0
5.9
IOH = −4 mA
4.5
4.18
4.31
4.13
High-level
output voltage
VOH
VIN = VIH
IOH = −5.2 mA
6.0
5.68
5.80
5.63
V
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
IOL = 20 μA
6.0
0.0
0.1
0.1
IOL = 4 mA
4.5
0.17
0.26
0.33
Low-level output
voltage
VOL
VIN = VIL
IOL = 5.2 mA
6.0
0.18
0.26
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
6.0
1.0
10.0
μA


Similar Part No. - TC7W34FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W34FK TOSHIBA-TC7W34FK Datasheet
187Kb / 6P
   TRIPLE NON-INVERT BUFFER
TC7W34FK TOSHIBA-TC7W34FK_09 Datasheet
202Kb / 7P
   Triple Non-Inverter
More results

Similar Description - TC7W34FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FK TOSHIBA-TC7WH34FK_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
TC7WG34FK TOSHIBA-TC7WG34FK_09 Datasheet
184Kb / 7P
   Triple NON-Inverter
TC7WZ34FU TOSHIBA-TC7WZ34FU Datasheet
141Kb / 7P
   Triple Non Inverter
TC7W34FK TOSHIBA-TC7W34FK_09 Datasheet
202Kb / 7P
   Triple Non-Inverter
logo
KEC(Korea Electronics)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com