Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV283B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SV283B
Description  CATV Tuning
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV283B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SV283B Datasheet HTML 1Page - Toshiba Semiconductor 1SV283B Datasheet HTML 2Page - Toshiba Semiconductor 1SV283B Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV283B
2007-11-01
1
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV283B
CATV Tuning
• High capacitance ratio: C2 V/C25 V = 11.5 (typ.)
• Low series resistance: rs = 0.55 Ω (typ.)
• Excellent C-V characteristics and small tracking error
• Suitable for small tuners
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Reverse voltage
VR
34
V
Peak reverse voltage
VRM
36 (RL = 10 kΩ)V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
34
V
Reverse current
IR
VR = 32 V
10
nA
C2 V
VR = 2 V, f = 1 MHz
29
31.5
34
pF
Capacitance
C25 V
VR = 25 V, f = 1 MHz
2.5
2.75
3
pF
C2 V/C25 V
10.6
11.5
Capacitance ratio
C25 V/C28 V
1.03
Series resistance
rs
VR = 5 V, f = 470 MHz
0.55
0.75
Ω
Note 1: Available in a matched group for capacitance to 2.0%.
(min)
C
(min)
C
(max)
C
<= 0.02
(VR = 2~25 V).
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 0.0014 g (typ.)


Similar Part No. - 1SV283B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV283 TOSHIBA-1SV283 Datasheet
108Kb / 2P
   VARIABLE CAPCCITANCE DIODE (CATV TUNING)
More results

Similar Description - 1SV283B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV231 TOSHIBA-1SV231_07 Datasheet
265Kb / 3P
   CATV Tuning
1SV269 TOSHIBA-1SV269_07 Datasheet
275Kb / 3P
   CATV Tuning
1SV232 TOSHIBA-1SV232_07 Datasheet
274Kb / 3P
   CATV Tuning
1SV288 TOSHIBA-1SV288_07 Datasheet
262Kb / 3P
   CATV Tuning
1SV262 TOSHIBA-1SV262_07 Datasheet
269Kb / 3P
   CATV Tuning
1SV215 TOSHIBA-1SV215_07 Datasheet
230Kb / 3P
   CATV Tuning
1SV282 TOSHIBA-1SV282_07 Datasheet
240Kb / 3P
   CATV Tuning
1SV232 TOSHIBA-1SV232 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV262 TOSHIBA-1SV262 Datasheet
116Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV269 TOSHIBA-1SV269 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com