Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM30CSJ060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM30CSJ060
Description  Intellimod??Module Three Phase IGBT Inverter Output (30 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM30CSJ060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM30CSJ060 Datasheet HTML 1Page - Powerex Power Semiconductors PM30CSJ060 Datasheet HTML 2Page - Powerex Power Semiconductors PM30CSJ060 Datasheet HTML 3Page - Powerex Power Semiconductors PM30CSJ060 Datasheet HTML 4Page - Powerex Power Semiconductors PM30CSJ060 Datasheet HTML 5Page - Powerex Power Semiconductors PM30CSJ060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
477
PM30CSJ060
Intellimod™ Module
Three Phase IGBT Inverter Output
30 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C
39
53
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C
80
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
µS
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTR
Reset Level
90
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVR
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—18
25
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—7
10
mA
Input ON Threshold Voltage
VCIN(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
UP, VP, WP, UN, VN, WN
1.7
2.0
2.3
Volts
PWM Input Frequency
fPWM
3-
Sinusoidal
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
mS


Similar Part No. - PM30CSJ060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM30CSJ060 MITSUBISHI-PM30CSJ060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM30CSJ060 MITSUBISHI-PM30CSJ060 Datasheet
56Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM30CSJ060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM30RSF060 POWEREX-PM30RSF060 Datasheet
96Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM75CSD060 POWEREX-PM75CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
PM300CSD060 POWEREX-PM300CSD060 Datasheet
94Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM50CSD060 POWEREX-PM50CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com