Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC07AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC07AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Buffer (open drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC07AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC07AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC07AP_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HC07AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC07AP,TC74HC07AF
Hex Buffer (open drain)
The TC74HC07A is a high speed CMOS BUFFER fabricated
with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Pin configuration and function are the same as the
TC74HCT7007A. But the TC74HC07A has high performance
MOS N-channel transistor (open-drain) outputs.
This device can, therfore, with a suitable pull-up resistors, be
used in wired-AND, LED driver and other applications.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpz = 5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Open drain structure.
• Pin and function compatible with 74LS07
Pin Assignment
IEC Logic Symbol
TC74HC07AP
TC74HC07AF
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC07AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP Datasheet
220Kb / 5P
   HEX BUFFER (OPEN DRAIN)
More results

Similar Description - TC74HC07AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC05P TOSHIBA-TC74AC05P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC7SZ05F TOSHIBA-TC7SZ05F_05 Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
logo
KEC(Korea Electronics)
KIC7SZ05FU KEC-KIC7SZ05FU Datasheet
225Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER OPEN DRAIN)
logo
Toshiba Semiconductor
TC7SZ07AFE TOSHIBA-TC7SZ07AFE Datasheet
202Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic NON-Inverter (Open Drain)
TC7WZ246FU TOSHIBA-TC7WZ246FU Datasheet
178Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
TC74AC04P TOSHIBA-TC74AC04P_07 Datasheet
252Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com