Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP797J Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP797J
Description  Measurement Instrumenation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP797J Datasheet HTML 1Page - Toshiba Semiconductor TLP797J Datasheet HTML 2Page - Toshiba Semiconductor TLP797J Datasheet HTML 3Page - Toshiba Semiconductor TLP797J Datasheet HTML 4Page - Toshiba Semiconductor TLP797J Datasheet HTML 5Page - Toshiba Semiconductor TLP797J Datasheet HTML 6Page - Toshiba Semiconductor TLP797J Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP797J
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta
≥ 25°C)
ΔIF/°C
−0.5
mA/°C
Peak forward current
(100
μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
600
V
A connection
100
B connection
100
On-state current
C connection
ION
200
mA
A connection
−1.0
B connection
−1.0
On-state current
derating
(Ta
≥ 25°C)
C connection
ΔION/°C
−2.0
mA/°C
Detector
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H.
≤ 60%)
(Note)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note: Device considered a two-terminal device: Pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
480
V
Forward current
IF
7.5
15
25
mA
On-state current
ION
100
mA
Operating temperature
Topr
−20
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Similar Part No. - TLP797J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
251Kb / 6P
   TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results

Similar Description - TLP797J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Toshiba Semiconductor
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
   Measurement Instrument
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
   Precision Measurement
logo
Contec Co., Ltd
CPS-MM-LC CONTEC-CPS-MM-LC Datasheet
448Kb / 2P
   Measurement Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com