Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM400DVA060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM400DVA060
Description  Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM400DVA060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM400DVA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM400DVA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM400DVA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM400DVA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM400DVA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM400DVA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
409
PM400DVA060
Intellimod™ Module
Single Phase IGBT Inverter Output
400 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Short Circuit Trip Level
SC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
650
910
Amperes
Short Circuit Current Delay Time
toff(SC)
VD = 15V
10
µS
Over Temperature Protection
OT
Trip Level
100
110
120
°C
(VD = 15V, Lower Arm)
OTr
Reset Level
85
95
105
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20
°C ≤ Tj ≤ 125°C)
UVr
Reset Level
12.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 5V, VN1-VNC
—23
30
mA
VD = 15V, VCIN = 5V, VP1-VPC
—23
30
mA
Input ON Threshold Voltage
VCIN(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
CP1-VPC, CN1-VNC
1.7
2.0
2.3
Volts
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V*
0.01
mA
IFO(L)
VD = 15V, VFO = 15V*
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V*
1.0
1.8
mS
SXR Terminal Output Voltage
VSXR
Tj ≤ 125°C, Rin = 6.8kΩ (SPR, SNR)
4.5
5.1
5.6
Volts
* Fault output is given only when the internal SC, OT, and UV protections circuits of either an upper-arm or a lower-arm device operate to protect it.


Similar Part No. - PM400DVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM400DVA060 MITSUBISHI-PM400DVA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM400DVA060 MITSUBISHI-PM400DVA060 Datasheet
56Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DVA060 MITSUBISHI-PM400DVA060 Datasheet
87Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM400DVA060 MITSUBISHI-PM400DVA060 Datasheet
90Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DVA060 MITSUBISHI-PM400DVA060_05 Datasheet
87Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM400DVA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM400DSA060 POWEREX-PM400DSA060 Datasheet
79Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
PM600DVA060 POWEREX-PM600DVA060 Datasheet
75Kb / 4P
   Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
PM600DSA060 POWEREX-PM600DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
PM200DSA060 POWEREX-PM200DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM300DSA060 POWEREX-PM300DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM800DV1B060 POWEREX-PM800DV1B060 Datasheet
580Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output 800 Amperes/600 Volts
PM400DV1A060 POWEREX-PM400DV1A060 Datasheet
426Kb / 6P
   Single Phase IGBT Inverter Output 400 Amperes/600 Volts
PM400HSA120 POWEREX-PM400HSA120 Datasheet
60Kb / 4P
   Intellimod??Module Half Phase IGBT Inverter Output (400 Amperes/1200 Volts)
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com