Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC85AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC85AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Magnitude Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC85AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC85AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC85AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC85AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(A, B-OUT)
tpLH
tpHL
22
34
ns
Propagation delay time
(CASCADE-OUT)
tpLH
tpHL
10
18
ns
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(A, B-OUT)
tpLH
tpHL
2.0
4.5
6.0
90
26
22
195
39
33
245
49
42
ns
Propagation delay
time
(CASCADE-OUT)
tpLH
tpHL
2.0
4.5
6.0
40
13
11
110
22
19
140
28
24
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC85AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC85AF TOSHIBA-TC74HC85AF Datasheet
247Kb / 7P
   4-BIT MAGNITUDE COMPARATOR
TC74HC85AFN TOSHIBA-TC74HC85AFN Datasheet
247Kb / 7P
   4-BIT MAGNITUDE COMPARATOR
More results

Similar Description - TC74HC85AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP_07 Datasheet
290Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com