Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC107AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC107AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC107AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC107AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC107AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC107AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(
CK -Q, Q )
tpLH
tpHL
2.0
4.5
6.0
48
14
12
125
25
21
155
31
26
ns
Propagation delay
time
( CLR -Q, Q )
tpLH
tpHL
2.0
4.5
6.0
52
15
13
140
28
24
175
35
30
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
31
37
23
70
80
5
25
30
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
33
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F)


Similar Part No. - TC74HC107AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC107AP TOSHIBA-TC74HC107AP Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
More results

Similar Description - TC74HC107AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC107AF TOSHIBA-TC74HC107AF Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC174P TOSHIBA-TC74AC174P_07 Datasheet
272Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com