Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC132AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC132AP
Description  Quad 2-Input Schmitt NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC132AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC132AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC132AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC132AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC132AP,TC74HC132AF,TC74HC132AFN
Quad 2-Input Schmitt NAND Gate
The TC74HC132A is a high speed CMOS 2-INPUT NAND
SCHMITT TRIGGER GATE fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Pin configuration and function are the same as the
TC74HC00A but the inputs have 25% VCC hysteresis and with
its schmitt trigger inputs, the TC74HC132A can be used as a line
receiver for slow input signals.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 11 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VH = 1.1 V at VCC = 5 V
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS132
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC132AP
TC74HC132AF
TC74HC132AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC132AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP Datasheet
248Kb / 6P
   QUAD 2 INPUT SCHMITT GATE
More results

Similar Description - TC74HC132AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com