Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP200D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP200D
Description  Measurement Instrument
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP200D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP200D Datasheet HTML 1Page - Toshiba Semiconductor TLP200D Datasheet HTML 2Page - Toshiba Semiconductor TLP200D Datasheet HTML 3Page - Toshiba Semiconductor TLP200D Datasheet HTML 4Page - Toshiba Semiconductor TLP200D Datasheet HTML 5Page - Toshiba Semiconductor TLP200D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP200D
2007-10-01
1
TOSHIBA Photocoupler GaAs IRED & Photo-MOS FET
TLP200D
PBX
Modem • Fax Card
Measurement Instrument
The TOSHIBA TLP200D consists of gallium arsenide infrared emitting
diode optically coupled to a photo-MOS FET in an 8-pin SOP.
The TLP200D is a 2-form-A switch which is suitable for replacement of
mechanical relays in many applications which require space savings.
• SOP 8 pin (2.54SOP8): 2-form-A
• Peak off-state voltage: 200 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 200 mA (max)
• On-state resistance: 8 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Pin Configurations (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.2 g (typ.)
1, 3
2, 4
6, 8
5, 7
12
87
34
65
2-form-A
1, 3: Anode
2, 4: Cathode
5:
Drain D1
6:
Drain D2
7:
Drain D3
8:
Drain D4
1
3
6
4
5
2
7
8


Similar Part No. - TLP200D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
More results

Similar Description - TLP200D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
   Measurement Instrument
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
logo
M/A-COM Technology Solu...
SCW1331U-120FCR MA-COM-SCW1331U-120FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com