Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC390AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC390AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC390AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC390AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC390AP Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74HC390AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
( CKA -QA)
tpLH
tpHL
10
20
ns
Propagation delay time
(
CKA -QC)
tpLH
tpHL
QA connected to
CKB
29
51
ns
Propagation delay time
( CKB -QB, QD)
tpLH
tpHL
12
22
ns
Propagation delay time
(
CKB -QC)
tpLH
tpHL
17
32
ns
Propagation delay time
(CLR-Qn)
tpHL
12
26
ns
Maximum clock frequency
(
CKA )
fmax
35
84
MHz
Maximum clock frequency
( CKB )
fmax
33
65
MHz


Similar Part No. - TC74HC390AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC390AP TOSHIBA-TC74HC390AP Datasheet
325Kb / 9P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC390AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC390F TOSHIBA-TC74AC390F_07 Datasheet
401Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com