Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV324 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SV324
Description  TCXO/VCO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV324 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SV324 Datasheet HTML 1Page - Toshiba Semiconductor 1SV324 Datasheet HTML 2Page - Toshiba Semiconductor 1SV324 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV324
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SV324
TCXO/VCO
• High capacitance ratio: C1 V/C4 V = 4.3 (typ.)
• Low series resistance: rs = 0.4 Ω (typ.)
• Useful for small size tuner.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
10
V
Reverse current
IR
VR = 10 V
3
nA
Capacitance
C1 V
VR = 1 V, f = 1 MHz
44
49.5
pF
Capacitance
C4 V
VR = 4 V, f = 1 MHz
9.2
12
pF
Capacitance ratio
C1 V/C4 V
4
4.3
Series resistance
rs
VR = 4 V, f = 100 MHz
0.4
0.8
Ω
Note: Signal level when capacitance is measured: Vsig
= 500 mVrms
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1E1A
Weight: 0.004 g (typ.)


Similar Part No. - 1SV324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV324 TOSHIBA-1SV324 Datasheet
109Kb / 2P
   DIODE SILCON EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
1SV324 KEXIN-1SV324 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Zhaoxingwei Electronics...
1SV324 ZHAOXINGWEI-1SV324 Datasheet
43Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV324 TOSHIBA-1SV324_14 Datasheet
143Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SV324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV323 TOSHIBA-1SV323_07 Datasheet
173Kb / 3P
   TCXO/VCO
1SV331 TOSHIBA-1SV331 Datasheet
76Kb / 3P
   Useful for VCO/TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com