Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC590AP Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC590AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Binary Counter/Register with 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC590AP Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC590AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74HC590AP/AF
2007-10-01
8
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
(Qn)
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
Output transition time
( RCO )
tTLH
tTHL
50
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(CCK- RCO )
tpLH
tpHL
50
2.0
4.5
6.0
75
22
17
163
33
28
205
41
35
ns
Propagation delay
time
( CCLR - RCO )
tpLH
50
2.0
4.5
6.0
78
23
18
175
35
30
220
44
37
ns
50
2.0
4.5
6.0
62
19
15
145
29
25
180
36
31
Propagation delay
time
(RCK-Qn)
tpLH
tpHL
150
2.0
4.5
6.0
78
24
19
185
37
31
230
46
39
ns
50
2.0
4.5
6.0
43
14
12
105
21
18
130
26
22
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
58
19
16
150
30
26
190
38
33
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
33
16
12
105
21
18
130
26
22
ns
Maximum clock
frequency
fmax
50
2.0
4.5
6.0
6
30
35
12
51
80
5
24
28
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
34
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC590AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - TC74HC590AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC592AP TOSHIBA-TC74HC592AP_07 Datasheet
575Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8 Bit Binary Counter with Input Register
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com