Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC697AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC697AP
Description  Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC697AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC697AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC697AP_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74HC697AP/AF
2007-10-01
7
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
VIN
= VIH or VIL
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
RCO
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
High-level output
voltage
VOH
QA~QD
IOH = −6 mA
IOH = −7.8 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
VIN
= VIH or VIL
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
RCO
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
Low-level output
voltage
VOL
QA~QD
IOL = 6 mA
IOL = 7.8 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC697AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC697AP TOSHIBA-TC74HC697AP Datasheet
387Kb / 11P
   CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - TC74HC697AP_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com