Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA817A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA817A
Description  Driver-Stage Amplifier Applications Voltage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA817A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA817A_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA817A_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA817A_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA817A_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA817A
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −5 mA, IB = 0
−80
V
hFE (1)
(Note)
VCE = −2 V, IC = −50 mA
70
240
DC current gain
hFE (2)
VCE = −2 V, IC = −200 mA
40
Collector-emitter saturation voltage
VCE (sat)
IC = −200 mA, IB = −20 mA
−0.4
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −5 mA
−0.55
−0.8
V
Transition frequency
fT
VCE = −10 V, IC = −10 mA
100
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
14
pF
Note: hFE (1) classification O: 70 to 140, Y: 120 to 240
Marking
A817A
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SA817A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A Datasheet
150Kb / 2P
   TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
logo
Foshan Blue Rocket Elec...
2SA817A FOSHAN-2SA817A Datasheet
932Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SA817A JIANGSU-2SA817A Datasheet
5Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SA817A KOOCHIN-2SA817A Datasheet
241Kb / 2P
   TRANSISTOR (PNP)
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SA817A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com