Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4020AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC4020AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4020AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC4020AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4020AP Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC4020,4040AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
( CK -Q1)
tpLH
tpHL
16
24
ns
Propagation delay time
(Qn-Qn
+ 1)
Δtpd
5
14
ns
Propagation delay time
(CLR)
tpHL
14
24
ns
Maximum clock frequency
fmax
33
73
MHz
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
( CK -Q1)
tpLH
tpHL
2.0
4.5
6.0
70
20
17
145
29
25
180
36
31
ns
Propagation delay
time
(Qn-Q
+ 1)
Δtpd
2.0
4.5
6.0
20
6
4
75
15
13
95
19
16
ns
Propagation delay
time
(CLR)
tpHL
2.0
4.5
6.0
55
17
14
140
28
24
175
35
30
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
30
35
17
66
78
5
24
28
MHz
Input capacitance
CIN
5
10
10
pF
TC74HC4020A
27
Power dissipation
capacitance
CPD
(Note) TC74HC4040A
37
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC4020AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4020AP TOSHIBA-TC74HC4020AP Datasheet
278Kb / 8P
   12/14-STAGE BINARY COUNTER
More results

Similar Description - TC74HC4020AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com