Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC151AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC151AP
Description  8-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC151AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC151AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC151AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(D-Y)
tpLH
tpHL
2.0
4.5
6.0
65
18
15
140
28
24
175
35
30
ns
Propagation delay
time
(D-W)
tpLH
tpHL
2.0
4.5
6.0
65
18
15
140
28
24
175
35
30
ns
Propagation delay
time
(
ST -Y)
tpLH
tpHL
2.0
4.5
6.0
36
12
10
100
20
17
125
25
21
ns
Propagation delay
time
( ST -W)
tpLH
tpHL
2.0
4.5
6.0
36
12
10
100
20
17
125
25
21
ns
Propagation delay
time
(A, B, C-Y)
tpLH
tpHL
2.0
4.5
6.0
80
23
19
180
36
31
225
45
38
ns
Propagation delay
time
(A, B, C-W)
tpLH
tpHL
2.0
4.5
6.0
80
23
19
180
36
31
225
45
38
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
69
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC151AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC151AP TOSHIBA-TC74HC151AP Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
More results

Similar Description - TC74HC151AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
   8 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com