Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC158AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC158AP
Description  Quad 2-Channel Multiplexer (inverting)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC158AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC158AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC158AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74HC157,158AP/AF/AFN
2007-10-01
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
tr, tf
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
0 to 400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Similar Part No. - TC74HC158AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC158AP TOSHIBA-TC74HC158AP Datasheet
269Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC158AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com