Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1150 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1150
Description  Low Frequency Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1150 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1150_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1150_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1150_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1150
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1150
Low Frequency Amplifier Applications
• High hFE: hFE = 100~320
• Complementary to 2SC2710.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−30
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−800
mA
Base current
IB
−160
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −30 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−30
V
hFE (1)
(Note)
VCE = −1 V, IC = −100 mA
100
320
DC current gain
hFE (2)
VCE = −1 V, IC = −700 mA
35
Collector-emitter saturation voltage
VCE (sat)
IC = −500 mA, IB = −20 mA
−0.7
V
Base-emitter voltage
VBE
VCE = −1 V, IC = −10 mA
−0.5
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −10 mA
120
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
19
pF
Note: hFE (1) classification O: 100~200, Y: 160~320
Unit: mm
JEDEC
JEITA
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Similar Part No. - 2SA1150_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1150 TOSHIBA-2SA1150 Datasheet
132Kb / 2P
   TRANSISTOR (LOW FREQUENCY AMPLIFIER APPLICATIONS)
2SA1150 TOSHIBA-2SA1150 Datasheet
134Kb / 1P
   MINI PACKAGE SERIES
More results

Similar Description - 2SA1150_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905_05 Datasheet
71Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905 Datasheet
54Kb / 5P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
   Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
2SA1150 TOSHIBA-2SA1150 Datasheet
132Kb / 2P
   TRANSISTOR (LOW FREQUENCY AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SB1122-D SANYO-2SB1122-D Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com