Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC221AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC221AP
Description  Dual Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC221AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC221AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74HC221AP/AF/AFN
2007-10-01
6
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
(Q, Q)
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
(Q, Q)
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Rx/Cx terminal
off-state current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA
Active-state supply
current
(Note)
ICC
VIN = VCC or GND
Rx/Cx
= 0.5 VCC
2.0
4.5
6.0
45
400
0.7
200
500
1.0
260
650
1.3
μA
μA
mA
Note:
Per circuit
Timing Requirements (input: tr = tf = 6 ns)
Ta
= 25°C
Ta
=
40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum clear width
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns


Similar Part No. - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP Datasheet
468Kb / 11P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com