Electronic Components Datasheet Search |
|
HN1L03FU Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
HN1L03FU Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page HN1L03FU 2007-11-01 2 Q1 Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = 10V, VDS = 0 ― ― 1 μA Drain-Source breakdown voltage V (BR) DSS ID = 100μA, VGS = 0 50 ― ― V Drain cut-off current IDSS VDS = 50V, VGS = 0 ― ― 1 μA Gate threshold voltage Vth VDS = 5V, ID = 0.1mA 0.8 ― 2.5 V Forward transfer admittance |Yfs| VDS = 5V, ID = 10mA 20 ― ― mS Drain-Source ON resistance RDS (ON) ID = 10mA, VGS = 4.0V ― 20 50 Ω Input capacitance Ciss VDS = 5V, VGS = 0, f = 1MHz ― 6.3 ― pF Reverse transfer capacitance Crss VDS = 5V, VGS = 0, f = 1MHz ― 1.3 ― pF Output capacitance Coss VDS = 5V, VGS = 0, f = 1MHz ― 5.7 ― pF Turn-on time ton VDD = 5V, ID = 10mA, VGS = 0~4.0V ― 0.11 ― μs Switching time Turn-off time toff VDD = 5V, ID = 10mA, VGS = 0~4.0V ― 0.15 ― μs Q2 Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = −7V, VDS = 0 ― ― −1 μA Drain-Source breakdown voltage V (BR) DSS ID = −100μA, VGS = 0 −20 ― ― V Drain cut-off current IDSS VDS = −20V, VGS = 0 ― ― −1 μA Gate threshold voltage Vth VDS = −3V, ID = −0.1mA −0.5 ― −1.5 V Forward transfer admittance |Yfs| VDS = −3V, ID = −10mA 15 ― ― mS Drain-Source ON resistance RDS (ON) ID = −10mA, VGS = −2.5V ― 20 40 Ω Input capacitance Ciss VDS = −3V, VGS = 0, f = 1MHz ― 10.4 ― pF Reverse transfer capacitance Crss VDS = −3V, VGS = 0, f = 1MHz ― 2.8 ― pF Output capacitance Coss VDS = −3V, VGS = 0, f = 1MHz ― 8.4 ― pF Turn-on time ton VDD = −3V, ID = −10mA, VGS = 0~−2.5V ― 0.15 ― μs Switching time Turn-off time toff VDD = −3V, ID = −10mA, VGS = 0~−2.5V ― 0.13 ― μs |
Similar Part No. - HN1L03FU_07 |
|
Similar Description - HN1L03FU_07 |