Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN2S03T Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # HN2S03T
Description  High Speed Switching Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN2S03T Datasheet(HTML) 1 Page - Toshiba Semiconductor

  HN2S03T Datasheet HTML 1Page - Toshiba Semiconductor HN2S03T Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HN2S03T
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
HN2S03T
High Speed Switching Application
Two independent diodes are mounted on Thin Extreme Super Mini Quad
package that are suitable for higher mounting densities.
Low forward voltage
: VF (3) = 0.50V (typ.)
Low reverse current
: IR= 0.5μA (max)
Small total capacitance
: CT = 3.9pF (typ.)
Absolute Maximum Ratings (Q1, Q2 Common, Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
100 *
mA
Average forward current
IO
50 *
mA
Surge current (10ms)
IFSM
1 *
A
Power dissipation
P
70 **
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55∼125
°C
Operating temperature range
Topr
−40∼100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
* : Unit rating. Total rating = Unit rating x 1.5
**: Total rating
Electrical Characteristics (Q1, Q2 Common, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1mA
0.33
VF (2)
IF = 5mA
0.38
Forward voltage
VF (3)
IF = 50mA
0.50
0.55
V
Reverse current
IR
VR = 20V
0.5
μA
Total capacitance
CT
VR = 0, f = 1MHz
3.9
pF
0.9±0.05
1.2±0.05
1
2
3
4
JEDEC
JEITA
TOSHIBA
Weight: 1.5mg(Typ.)
Unit: mm
1. ANODE1
2. ANODE2
3. CATHODE2
4. CATHODE1
TESQ


Similar Part No. - HN2S03T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN2S03FE TOSHIBA-HN2S03FE Datasheet
176Kb / 3P
   High Speed Switching Applications
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
More results

Similar Description - HN2S03T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com