Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC299AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC299AP
Description  8-Bit PIPO Shift Register with Asynchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC299AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC299AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC299AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC299AP,TC74HC299AF
8-Bit PIPO Shift Register with Asynchronous Clear
The TC74HC299A is a high speed CMOS 8-BIT PIPO SHIFT
REGISTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It has four modes (HOLD, SHIFT LEFT, SHIFT RIGHT and
LOAD DATA) controlled by the two selection inputs (S0, S1).
When one or both enable ( 1
G , 2
G ) are high, the eight I/O
outputs are forced to the high-impedance state; however,
sequential operation or clearing of the register is not affected.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features (Note 1) (Note 2)
• High speed: fmax = 42 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Outputs drive capability
: 15 LSTTL loads for QA to QH
10 LSTTL loads for QA’, QH’
• Symmetrical output impedance
: |IOH| = IOL = 6 mA (min) For QA to QH
|IOH| = IOL = 4 mA (min) For QA’, QH’
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS299
Note 1: Do not apply a signal to any bus terminal when it is in the output mode. Damage may result.
Note 2: All floating (high impedance) bus terminals must have their input levels fixed by means of pull up or pull
down resistors.
Pin Assignment
TC74HC299AP
TC74HC299AF
Weight
DlP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HC299AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
More results

Similar Description - TC74HC299AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com