Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP716 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP716
Description  Plasma display panel High Speed Interface Factory Automation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor TLP716 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP716
2007-10-01
3
The correlation between input current and switching speed and drive circuit
(reference information).
Input Current
(IF)
TEST CIRCUIT
Typical Switching Speed
12mA
1
(Page 4)
14 – 16 MBd
8mA
1
(Page 4)
11 – 13 MBd
8mA
2
(Page 4,with Speed up capacitor)
16 – 20 MBd
Note 1: Pulse width PW≤1us,300pps.
Note 2: Device Considered a two terminal device : pins 1,2 and 3 shorted together and pins 4,5 and 6 shorted
together.
Note 3: The detector of this product requires a power supply voltage (VCC) of 4.5 V or higher for stable operation. If
the VCC is lower than this value, an Icc may increase, or an output may be unstable. Be sure to use the
product after checking the supply current, and the operation of a power−on/−off.
Note 4: A ceramic capacitor(0.1
μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead
length between capacitor and coupler should not exceed 1 cm.
Electrical Characteristics
(Unless otherwise specified, Ta=40 to 100
°C,VCC=4.5~5.5V)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP. *
MAX.
UNIT
Input Forward Voltage
VF
IF=10mA ,Ta=25
°C
1.65
1.8
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTa
IF=10mA
−2.0
mV/
°C
Input Reverse Current
IR
VR=5V,Ta=25
°C
10
μA
Input Capacitance
CT
V=0V,f=1MHz,Ta=25
°C
45
pF
Logic Low Output Voltage
VOL
IOL=1.6mA, IF=12mA,VCC=5V
0.4
V
Logic High Output Voltage
VOH
IOH=−0.02mA, VF=1.05V, VCC=5V
4.0
V
Logic Low Supply Current
ICCL
IF=12mA
5.0
mA
Logic High Supply Current
ICCH
VF=0V
5.0
mA
Input Current Logic Low
Output
IFHL
IO=1.6mA,VO<0.4V
6.5
mA
Input Voltage Logic High
Output
VFLH
IO=−0.02mA,VO>4.0V
0.8
V
*All typical values are at Ta=25
°C,VCC=5V , IF(ON)=12mA unless otherwise specified
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance input to output
CS
VS = 0V , f = 1MHz
(Note 2)
0.8
pF
Isolation resistance
RS
R.H. ≤ 60%,VS = 500V
(Note 2)
1×10
12
10
14
AC,1 minute
5000
Vrms
AC,1 second,in oil
10000
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc


Similar Part No. - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
More results

Similar Description - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com