Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN4K03JU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # HN4K03JU
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN4K03JU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  HN4K03JU Datasheet HTML 1Page - Toshiba Semiconductor HN4K03JU Datasheet HTML 2Page - Toshiba Semiconductor HN4K03JU Datasheet HTML 3Page - Toshiba Semiconductor HN4K03JU Datasheet HTML 4Page - Toshiba Semiconductor HN4K03JU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HN4K03JU
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Gate leakage current
IGSS
VGS = 10V, VDS = 0
1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = 100μA, VGS = 0
20
V
Drain cut-off current
IDSS
VDS = 20V, VGS = 0
1
μA
Gate threshold voltage
Vth
VDS = 3V, ID = 0.1mA
0.5
1.5
V
Forward transfer admittance
| Yfs |
VDS = 3V, ID = 10mA
25
50
mS
Drain-Source ON resistance
RDS (ON)
ID = 10mA, VGS = 2.5V
8
12
Input capacitance
Ciss
VDS = 3V, VGS = 0, f = 1MHz
8.5
pF
Reverse transfer capacitance
Crss
VDS = 3V, VGS = 0, f = 1MHz
3.3
pF
Output capacitance
Coss
VDS = 3V, VGS = 0, f = 1MHz
9.3
pF
Turn-on time
ton
VDD = 3V, ID = 10mA
VGS = 0~2.5V
0.16
Switching time
Turn-off time
toff
VDD = 3V, ID = 10mA
VGS = 0~2.5V
0.15
μs
Equivalent Circuit (Top View)
Marking


Similar Part No. - HN4K03JU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN4K03JU TOSHIBA-HN4K03JU Datasheet
187Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results

Similar Description - HN4K03JU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com