Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP631 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP631
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP631 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP631 Datasheet HTML 1Page - Toshiba Semiconductor TLP631 Datasheet HTML 2Page - Toshiba Semiconductor TLP631 Datasheet HTML 3Page - Toshiba Semiconductor TLP631 Datasheet HTML 4Page - Toshiba Semiconductor TLP631 Datasheet HTML 5Page - Toshiba Semiconductor TLP631 Datasheet HTML 6Page - Toshiba Semiconductor TLP631 Datasheet HTML 7Page - Toshiba Semiconductor TLP631 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP631,TLP632
2007-10-01
5
IF – Ta
Ambient temperature Ta (°C)
100
0
−20
80
60
40
20
0
20
40
60
80
120
100
ΔVF / ΔTa – IF
Forward current IF (mA)
-3.2
-0.4
0.1
0.3
1
3
10
30
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
IF – VF
Forward voltage VF (V)
100
0.1
0.4
50
30
3
1
0.3
0.6
0.8
1.0
1.2
1.4
1.6
0.5
5
10
Ta = 25°C
PC– Ta
Ambient temperature Ta (°C)
200
0
-20
160
120
80
40
0
20
40
60
80
120
100
IFP – DR
Duty cycle ratio DR
5000
10
10
−3
1000
500
300
100
50
30
10
−2
10
−1
10
3
3
3
3
3000
Pulse width ≤ 100μs
Ta = 25°C
IFP – VFP
Pulse forward voltage VF (V)
0.4
1000
1
500
300
30
10
3
0.8
1.2
1.6
2.0
2.4
5
50
100
Pulse width ≤ 100μs
Repetitive frequency
= 100 Hz
Ta = 25°C


Similar Part No. - TLP631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
   PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results

Similar Description - TLP631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com