Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP626 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP626
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP626 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP626 Datasheet HTML 1Page - Toshiba Semiconductor TLP626 Datasheet HTML 2Page - Toshiba Semiconductor TLP626 Datasheet HTML 3Page - Toshiba Semiconductor TLP626 Datasheet HTML 4Page - Toshiba Semiconductor TLP626 Datasheet HTML 5Page - Toshiba Semiconductor TLP626 Datasheet HTML 6Page - Toshiba Semiconductor TLP626 Datasheet HTML 7Page - Toshiba Semiconductor TLP626 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP626,TLP626-2,TLP626-4
2007-10-01
5
ΔVF / ΔTa – IF
Forward current IF (mA)
2.8
0.4
0.3
50
0.1
0.8
1.2
1.6
2.0
2.4
0.5
1
3
5
10
30
Pulse forward voltage VFP (V)
IFP – VFP
1000
1
0
500
300
100
50
30
10
5
3
0.4
0.8
1.2
1.6
2.0
2.4
Pulse width ≦ 10 μs
Repetitive
Frequency = 100 Hz
Ta = 25 °C
120
IF – Ta
Ambient temperature Ta (°C)
100
0
20
80
60
40
20
0
20
40
60
80
100
TLP626
TLP626-2, -4
Duty cycle ratio DR
IFP – DR
5000
10
3000
1000
500
300
100
50
30
10
3
3
10
2
3
10
1
3
10
0
Pulse width ≤ 100 μs
Ta = 25 °C
Ambient temperature Ta (°C)
PC – Ta
200
0
160
120
80
40
20
0
20
40
60
80
100
120
TLP626
TLP626-2, -4
IF – VF
Forward voltage VF (V)
100
0.1
0.4
50
30
10
5
3
1
0.5
0.3
06
0.8
1.0
1.2
1.4
1.6
Ta = 25 °C


Similar Part No. - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626 ISOCOM-TLP626 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP626-2 TOSHIBA-TLP626-2 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626-2 ISOCOM-TLP626-2 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP626-3 ETC1-TLP626-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com