Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP626 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP626
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP626 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP626 Datasheet HTML 1Page - Toshiba Semiconductor TLP626 Datasheet HTML 2Page - Toshiba Semiconductor TLP626 Datasheet HTML 3Page - Toshiba Semiconductor TLP626 Datasheet HTML 4Page - Toshiba Semiconductor TLP626 Datasheet HTML 5Page - Toshiba Semiconductor TLP626 Datasheet HTML 6Page - Toshiba Semiconductor TLP626 Datasheet HTML 7Page - Toshiba Semiconductor TLP626 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP626,TLP626-2,TLP626-4
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±10mA
1.0
1.15
1.3
V
Reverse current
IF
VF = ±0.7V
2.5
20
μA
Capacitance
CT
V = 0, f = 1MHz
60
pF
Collector
−emitter
breakdown voltage
V(BR)CEO IC = 0.5mA
55
V
Emitter
−collector
breakdown voltage
V(BR)ECO IE = 0.1mA
7
V
VCE = 24V
10
10
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
2
50
μA
Capacitance collector
to emitter
CCE
V=0, f=1MHz
12
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
100
1200
Current transfer ratio
IC / IF
IF = ±1mA, VCE = 0.5V
rank BV
200
1200
%
50
Low input CTR
IC / IF(low)
IF = ±0.5mA, VCE = 1.5V
rank BV
100
%
IC = 0.5mA, IF = ±1mA
0.4
0.2
Collector
−emitter
saturation voltage
VCE(sat)
IC = 1mA, IF = ±1mA
rank BV
0.4
V
Off
−state collector current
IC(off)
VF = ±0.7V, VCE = 24V
1
10
μA
CTR symmetry *1
IC(ratio)
IC(IF = −1mA) / IC(IF = 1mA)
0.5
2
Coupled Electrical Characteristics (Ta =
25~75°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
rank BV
100
%
50
Low input CTR
IC / IF(low)
IF = 0.5mA, VCE = 1.5V
rank BV
100
%
*1
IC(ratio) =
V)
5
CE
V
F1,
I
F
(I
C1
I
V)
5
CE
V
F2,
I
F
(I
C2
I
=
=
=
=
IF1
IC2
IC1
VCE
IF2


Similar Part No. - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626 ISOCOM-TLP626 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP626-2 TOSHIBA-TLP626-2 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626-2 ISOCOM-TLP626-2 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP626-3 ETC1-TLP626-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com