Electronic Components Datasheet Search |
|
TC74HC7292AF Datasheet(PDF) 5 Page - Toshiba Semiconductor |
|
TC74HC7292AF Datasheet(HTML) 5 Page - Toshiba Semiconductor |
5 / 10 page TC74HC7292AP/AF 2007-10-01 5 Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7 V DC input voltage VIN −0.5 to VCC + 0.5 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK ±20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 500 (DIP) (Note 2)/180 (SOP) mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be applied until 300 mW. Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 2 to 6 V Input voltage VIN 0 to VCC V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Input rise and fall time tr, tf 0 to 1000 (VCC = 2.0 V) 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) ns Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. |
Similar Part No. - TC74HC7292AF |
|
Similar Description - TC74HC7292AF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |