Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC40105AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC40105AP
Description  4 Bit 횞 16 Word FIFO Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC40105AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC40105AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC40105AP Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74HC40105AP/AF
2007-10-01
6
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(SI)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(
SO )
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(MR)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(DATA-SI)
ts
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum hold time
(DATA-SI)
th
2.0
4.5
6.0
100
20
17
125
25
21
ns
Minimum removal time
(MR-SI)
trem
2.0
4.5
6.0
50
10
9
65
13
11
ns
Clock frequency
f
2.0
4.5
6.0
3
15
18
2.4
12
13
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
(DIR, DOR)
tTLH
tTHL
4
8
ns
Propagation delay time
(
SO , MR-DOR)
tpHL
22
39
ns
Propagation delay time
( SO -DIR)
tpLH
242
365
ns
Propagation delay time
(SI-DOR)
tpLH
187
300
ns
Propagation delay time
(SI-DIR)
tpHL
22
35
ns
Propagation delay time
(MR-DIR)
tpLH
tpHL
25
39
ns


Similar Part No. - TC74HC40105AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC40105AF TOSHIBA-TC74HC40105AF Datasheet
380Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - TC74HC40105AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
OKI electronic componet...
MS82V48540 OKI-MS82V48540 Datasheet
1Mb / 44P
   393,216-Word 횞 32-Bit 횞 4-Bank FIFO-SGRAM
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
OKI electronic componet...
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
MS82V32520 OKI-MS82V32520 Datasheet
1Mb / 42P
   524,288-Word 횞 32-Bit 횞 2-Bank FIFO-SGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com