Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1360 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1360
Description  Audio Frequency Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1360 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1360_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1360_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1360_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1360_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1360_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1360
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1360
Audio Frequency Amplifier Applications
• Complementary to 2SC3423
• Small collector output capacitance: Cob = 2.5 pF (typ.)
• High transition frequency: fT = 200 MHz (typ.)
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−150
V
Collector-emitter voltage
VCEO
−150
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−50
mA
Base current
IB
−5
mA
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SA1360_07

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
2SA1360-126 JMNIC-2SA1360-126 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
2SA1360-126 JMNIC-2SA1360-126_15 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
logo
Toshiba Semiconductor
2SA1360O TOSHIBA-2SA1360O Datasheet
132Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1360Y TOSHIBA-2SA1360Y Datasheet
156Kb / 5P
   Audio Frequency Amplifier Applications
2SA1360 TOSHIBA-2SA1360_10 Datasheet
136Kb / 5P
   Audio Frequency Amplifier Applications
More results

Similar Description - 2SA1360_07

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com