Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K15F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K15F
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K15F Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15F Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15F Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15F Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K15F
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
±1
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0
30
V
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.8
1.5
V
Forward transfer admittance
⏐Yfs
VDS = 3 V, ID = 10 mA
25
mS
ID = 10 mA, VGS = 4 V
2.2
4.0
Drain-source ON resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
4.0
7.0
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
7.8
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
3.6
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
8.8
pF
Turn-on time
ton
50
Switching time
Turn-off time
toff
VDD = 5 V, ID = 10 mA,
VGS = 0~5 V
180
ns
Switching Time Test Circuit
(a) Test circuit
(b) VIN
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 μA for this
product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower
voltage than Vth.
(relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
(c) VOUT
ton
90%
10%
0 V
5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)
VDD = 5 V
D.U. <= 1%
Input: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
VDD
Output
Input
5 V
0
10
μs
RL


Similar Part No. - SSM3K15F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
177Kb / 5P
   High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
139Kb / 5P
   High Speed Switching Applications
SSM3K15FST5LFT TOSHIBA-SSM3K15FST5LFT Datasheet
177Kb / 5P
   High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU Datasheet
202Kb / 5P
   High Speed Switching Applications
More results

Similar Description - SSM3K15F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com