Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB905 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SB905
Description  Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB905 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SB905 Datasheet HTML 1Page - Toshiba Semiconductor 2SB905 Datasheet HTML 2Page - Toshiba Semiconductor 2SB905 Datasheet HTML 3Page - Toshiba Semiconductor 2SB905 Datasheet HTML 4Page - Toshiba Semiconductor 2SB905 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB905
2006-11-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −150 V, IE = 0
−1.0
μA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
−1.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−150
V
DC current gain
hFE
(Note)
VCE = −5 V, IC = −200 mA
60
320
Collector-emitter saturation voltage
VCE (sat)
IC = −500 mA, IB = −50 mA
−1.5
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −5 mA
−0.5
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −200 mA
15
50
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
35
pF
Note: hFE classification R: 60 to 120, O: 100 to 200, Y: 160 to 320
Marking
B905
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SB905

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB905 TOSHIBA-2SB905 Datasheet
170Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SB905 TOSHIBA-2SB905 Datasheet
157Kb / 5P
   Power Amplifier Applications
2SB905 TOSHIBA-2SB905 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SB905 TOSHIBA-2SB905_10 Datasheet
157Kb / 5P
   Power Amplifier Applications
More results

Similar Description - 2SB905

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com