Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP560G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP560G
Description  GaAs Ired & Photo−Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP560G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP560G Datasheet HTML 1Page - Toshiba Semiconductor TLP560G Datasheet HTML 2Page - Toshiba Semiconductor TLP560G Datasheet HTML 3Page - Toshiba Semiconductor TLP560G Datasheet HTML 4Page - Toshiba Semiconductor TLP560G Datasheet HTML 5Page - Toshiba Semiconductor TLP560G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP560G
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state output terminal voltage
VDRM
400
V
Ta = 25°C
100
On
−state RMS current
Ta = 70°C
IT(RMS)
50
mA
On
−state current derating (Ta ≥ 25°C)
ΔIT / °C
−1.1
mA / °C
Peak on
−state current (100μs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(Pw = 10ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1min., R.H. ≤ 60%)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak on
−state current
ITP
1
A
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Similar Part No. - TLP560G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Similar Description - TLP560G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP261J TOSHIBA-TLP261J Datasheet
169Kb / 6P
   GaAs IRED Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
TLP561J TOSHIBA-TLP561J_07 Datasheet
514Kb / 6P
   GaAs IRed & Photo−Triac
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
   Photocoupler GaAs Ired Photo−Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com