Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K121TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K121TU
Description  Silicon N-Channel MOS Type Power Management Switch Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K121TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K121TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K121TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K121TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K121TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K121TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3K121TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSM3K121TU
2007-11-01
4
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
0
0
5
10
4
8
15
10
6
2
Common
Source
ID = 3.2A
VDD=16V
VDD=10V
Drain-Source voltage VDS (V)
IDR – VDS
10
0
0.1
1
0.001
0.01
0.0001
-0.2
-0.6
-0.4
-1.0
-0.8
-1.2
Drain current ID (A)
|Yfs| – ID
0.01
10
0.001
0.1
1
10
0.01
0.1
1
30
3
0.3
0.03
Drain – Source voltage VDS (V)
C – VDS
10
0.1
1
10
100
100
1000
300
30
Drain current ID (A)
t – ID
1
0.01
100
0.1
1000
1
10
10
Common Source
VDS = 3 V
Ta
= 25 °C
Common Source
VGS = 0 V
Ta
= 25 °C
G
D
S
IDR
100 °C
25 °C
−25 °C
Common Source
Ta
= 25 °C
f
= 1 MHz
VGS = 0 V
Ciss
Coss
Crss
Common Source
VDD = 10 V
VGS = 0 ∼ 2.5 V
Ta
= 25 °C
RG = 4.7 Ω
toff
tf
ton
tr


Similar Part No. - SSM3K121TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K121TU TOSHIBA-SSM3K121TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM3K121TU TOSHIBA-SSM3K121TU_14 Datasheet
173Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type
More results

Similar Description - SSM3K121TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K119TU TOSHIBA-SSM3K119TU Datasheet
133Kb / 5P
   Silicon N Channel MOS Type Power Management Switch Applications
SSM3K301T TOSHIBA-SSM3K301T Datasheet
192Kb / 6P
   Silicon N-Channel MOS Type Power Management Switch Applications
SSM3J109TU TOSHIBA-SSM3J109TU Datasheet
201Kb / 5P
   Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3J120TU TOSHIBA-SSM3J120TU Datasheet
198Kb / 6P
   Field Effect Transistor Silicon P Channel MOS Type Power Management Switch Applications High-Current Switching Applications
SSM3J304T TOSHIBA-SSM3J304T Datasheet
238Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3J115TU TOSHIBA-SSM3J115TU Datasheet
139Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Power Management Switch Applications
2SK1365 TOSHIBA-2SK1365_06 Datasheet
765Kb / 6P
   Silicon N Channel MOS Type Switching Power Supply Applications
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
   SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com