Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT86AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT86AP
Description  Quad Exclusive OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT86AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT86AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT86AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT86AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT86AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT86AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT86AP_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC74HCT86AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT86AP,TC74HCT86AF
Quad Exclusive OR Gate
The TC74HCT86A is a high speed CMOS EXCLUSIVE OR
GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
Input and output buffers are provided which offer high noise
immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIH = 2.0 V (min)
VIL = 0.8 V (max)
• Wide interfacing ability: LSTTL, NMOS, CMOS
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74LS86
Pin Assignment
TC74HCT86AP
TC74HCT86AF
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HCT86AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
More results

Similar Description - TC74HCT86AP_07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com