Selected language     English  ▼


TLP504A_07 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP504A_07
Description  GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
TLP504A,TLP504A
−2
2007-10-01
5
Δ
VF/ΔTa – IF
0.1
-2.0
-2.4
-2.8
-0.4
0.3
-1.6
-1.2
-0.8
1
3
10
30
Forward current IF (mA)
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
0
3
50
5
300
30
10
100
1
0.4
0.8
1.0
1.2
1.4
1.6
Pulse width ≤ 10μs
Repetitive frequency=100Hz
Ta = 25℃
Forward voltage VF (V)
IF – VF
100
50
0.4
0.3
5
0.5
30
3
1
10
0.1
0.6
0.8
1.0
1.2
1.4
1.6
Ta = 25℃
Duty cycle ratio DR
IFP – DR
5000
3000
3
3
10
-3
3
10
1000
500
30
100
50
300
10
-1
10
-2
3
10
0
Pulse width ≤ 100μs
Ta = 25℃
PC – Ta
Ambient temperature Ta (℃)
240
160
-20
0
120
80
40
120
100
80
60
20
40
0
200
TLP504A
TLP504A-2
IF – Ta
Ambient temperature Ta (℃)
100
80
-20
0
60
40
20
120
120
100
80
60
20
40
0
TLP504A
TLP504A-2




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP523_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP561JTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP763J_07GaAs Ired & Photo−Triac 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl