Selected language     English  ▼


TLP504A_07 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TLP504A_07
Description  GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 6 page
background image
TLP504A,TLP504A
−2
2007-10-01
6
ICEO – Ta
Ambient temperature Ta (℃)
10
1
10
0
10
-1
80
60
40
20
0
100
10
-2
10
-3
120
10
-4
IC – IF
Forward current IF (mA)
0.3
100
50
10
5
0.3
0.5
0.1
3
1
1
3
10
30
100
30
0.05
0.03
Ta = 25°C
VCE = 5V
VCE = 0.4V
SAMPLE A
SAMPLE B
Collector-emitter voltage VCE (V)
IC – VCE
50mA
80
10
8
4
6
0
2
60
40
20
0
Ta = 25℃
20mA
15mA
PC(MAX.)
IF=5mA
30mA
10mA
Collector-emitter voltage VCE (V)
IC – VCE
25
1.0
0.8
0.4
0.6
0.2
20
15
10
0
0
5
1.2
1.4
50mA
40mA
30mA
20mA
10mA
5mA
IF=2mA
Ta = 25℃
IC / IF – IF
Forward current IF (mA)
5
500
300
50
30
1
0.3
10
100
10
30
100
3
Ta = 25°C
VCE = 5V
VCE = 0.4V
SAMPLE A
SAMPLE B
VCE = 24V
5V
10V




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP523_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP561JTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP763J_07GaAs Ired & Photo−Triac 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl