Selected language     English  ▼


TLP504A_07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP504A_07
Description  GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP504A,TLP504A
−2
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP504A,TLP504A
−2
Programmable Controllers
AC / DC
−Input Module
Solid State Relay
The TOSHIBA TLP504A and TLP504A−2 consists of a
photo−transistor optically coupled to a gallium arsenide
infrared emitting diode.
The TLP504A offers two isolated channels in an eight
lead plastic DIP package, while the TLP504A−2 provides
four isolated channels in a sixteen plastic DIP package.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 2500 Vrms (min.)
• UL recognized: UL1577,
File no. E67349
Pin Configurations (top view)
1, 4 : Anode
2, 3 : Cathode
5, 8 : Emitter
6, 7 : Collector
TLP504A
TLP504A-2
1
2
7
8
3
4
5
6
5
6
11
12
7
8
9
10
1
2
15
16
3
4
13
14
1, 4, 5, 8
2, 3, 6, 7
9, 12, 13, 16
10, 11, 14, 15
: Anode
: Cathode
: Emitter
: Collector
Unit in mm
TOSHIBA
11−10C4
Weight: 0.54 g
TOSHIBA
11−20A3
Weight: 1.1 g




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP523_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP561JTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP763J_07GaAs Ired & Photo−Triac 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl