Selected language     English  â–¼


TLP421F_07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP421F_07
Description  GaAs IRed & Photo−Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP421F
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP421F
Office Equipment
Household Appliances
Solid State Relays
Switching Power Supplies
Various Controllers
Signal Transmission Between Different Voltage Circuits
The TOSHIBA TLP421F consists of a silicone photo−transistor optically
coupled to a gallium arsenide infrared emitting diode in a four lead
plastic DIP (DIP4) with having high isolation voltage
(AC: 5kVRMS (min)).
Absolute maximum ratings and electrical characteristics are the same as
TLP421 technical datasheet.
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577
• BSI approved: BS EN60065: 2002
Approved no. 8411
BS EN60950-1: 2002
Approved no. 8412
• SEMKO approved: EN60065, EN60950, EN60335
Approved no. 9910249 / 01
Pin Configurations
(top view)
1
2
3
4
1 : ANODE
2 : CATHODE
3 : EMITTER
4 : COLLECTOR
Unit in mm
TOSHIBA
11−5B202
Weight: 0.26 g




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP504A_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP523_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP561JTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl